Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCD1283 Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce SCD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1283 Fiches technique(HTML) 13 Page - Intel Corporation

Back Button SCD1283 Datasheet HTML 9Page - Intel Corporation SCD1283 Datasheet HTML 10Page - Intel Corporation SCD1283 Datasheet HTML 11Page - Intel Corporation SCD1283 Datasheet HTML 12Page - Intel Corporation SCD1283 Datasheet HTML 13Page - Intel Corporation SCD1283 Datasheet HTML 14Page - Intel Corporation SCD1283 Datasheet HTML 15Page - Intel Corporation SCD1283 Datasheet HTML 16Page - Intel Corporation SCD1283 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
IEEE 1284-Compatible Parallel Interface — CD1283
Datasheet
13
3.0
Pin Information
3.1
Pin Diagram
CD1283
100-Pin MQFP
VCC
PDBEN
GND
GP[7]
GP[6]
GP[5]
DS*
R/W*
DTACK*
CS*
RESET*
GP[4]
PULLUP1
PULLUP5
DPASS*
DGRANT*
GP[3]
PULLUP2
PULLUP6
GND
1
2
3
4
5
6
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
80
79
78
77
76
73
72
74
75
71
70
68
67
65
63
62
61
60
59
58
57
55
53
52
51
69
66
64
56
54
CLK/2
VCC
DMAACK*
N/C
N/C
N/C
N/C
N/C
N/C
DB[5]
DB[4]
DB[2]
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
GND
DB[1]
DB[6]
DMAREQ*
GP[0]
DB[0]
GND
GP[2]
PULLUP3
SVCREQP*
CLK
GP[1]
PULLUP4
SVCACKP*
N/C
DB[3]
DB[7]
GND
NOTE: (*) Denotes negative-true signal.
‘N/C’ indicates no connection;
make no connection to these pins.
See following table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94