| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP6131DECT Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP6131DECT Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 29 page ![]() TMP61 P total S TMP61 P R R R R R R u u 15 TMP61 www.ti.com SBOS921 – DECEMBER 2018 Product Folder Links: TMP61 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated Typical Application (continued) (7) Figure 17. TMP61 Thermal Compensation Circuit 9.2.1.2.2 Thermal Protection With Comparator Thermal protection can be programmed using the TMP61, a voltage reference, and a comparator. As shown in Figure 18, the output of the comparator will remain low until the voltage of the thermistor divider, with RBIAS and RTMP61, rises above the threshold voltage, set by R1 and R2. Then the output will go high, signaling an overtemperature warning signal. Hysteresis can also be useful to program when the output will return low, so that the output does not continuously toggle around the threshold. Either a comparator with built-in hysteresis or feedback resistors may be used. Figure 18. Temperature Switch Using TMP61 Voltage Divider and a Comparator 9.2.1.2.3 Thermal Foldback One application that uses the output voltage of the TMP61 in active control circuit is thermal foldback. This is performed to reduce, or fold back, the current driving a string of LEDs, for example. At high temperatures, the LEDs begin to heat up due to environmental conditions and self-heating. Thus, at a certain temperature threshold based on the LED's safe operating area, the driving current must be reduced to cool down the LEDs and prevent thermal runaway. The TMP61 voltage output increases with temperature, when it is in the lower position of the voltage divider, and provides a response that can be used to fold back the current. Typically, the current is held at a specified level until a high temperature is reached, known as the knee point, where the current must be |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |