Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBT35/14 Fiches technique(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

No de pièce MBT35/14
Description  BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRI [Insel Rectifier India Pvt. Ltd.]
Site Internet  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

MBT35/14 Fiches technique(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  MBT35/14 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. MBT35/14 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. MBT35/14 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERNATIONAL
FEATURES
 High thermal conductivity
 Packge,electrically insulated case
 Centre hole fixing
 Glass passivated chips
TYPICAL APPLICATIONS
L
 Big power supplies
 Field supply for DC motor
TECHNICAL DATA
DEVICE TYPE
VRRM
(V)
VRSM
(V)
1000
1100
1200
1300
Maximum Ratings
Symbol
Conditions
Values
Units
Average recified forward current 60Hz sine wave,R-load
with heatsink Tc=78℃
35
A
IFSM
Peak Forward Surge Current 8.3ms Single
Half-Sine-WaveSuperimposed On Rated Load (JEDEC METHOD)
450
A
I
2t
t=8.3mS VR=0
840
A
2s
Visol
a.c.50HZ;r.m.s.;1min
2500
V
Tvj
-55 to 150
℃
Tstg
-55 to 150
℃
Torque
Mounting torque
2
N.m
Weight
Bridge(Approximately)
21
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Bridge
0.9
℃/W
1400
1500
16 00
1700
Electrical Characteristics
Symbo
Conditions
Values
Units
VFM
Maximum Forward Voltage At 17.5A DC
1.2
V
IRRM
Maximum DC Reverse
Tvj=25℃
Current At VR=VRRM
Tvj =150℃
5.0
1.0
uA
mA
1
www.rectifierindia.com
April 2011
MBT 35/16
3 - O BRIDGE RECTIFIER
IF(AV)
MBT35/10
MBT35/12
MBT35/14
MBT35/16


Numéro de pièce similaire - MBT35/14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MBT35200 ONSEMI-MBT35200 Datasheet
81Kb / 8P
High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2000 ??Rev. 1
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
81Kb / 8P
High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2000 ??Rev. 1
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
64Kb / 6P
High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
June, 2005 ??Rev. 2
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
115Kb / 5P
High Current Surface Mount PNP Silicon
August, 2013 ??Rev. 5
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
115Kb / 5P
High Current Surface Mount PNP Silicon Switching Transistor
August, 2013 ??Rev. 5
More results

Description similaire - MBT35/14

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com