Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCS.07.A Fiches technique(PDF) 2 Page - Taoglas antenna solutions

No de pièce PCS.07.A
Description  LOW PROFILE CELLUALR SMD DIELECTRIC ANTENNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.07.A Fiches technique(HTML) 2 Page - Taoglas antenna solutions

  PCS.07.A Datasheet HTML 1Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 2Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 3Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 4Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 5Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 6Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 7Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 8Page - Taoglas antenna solutions PCS.07.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPE-13-8-028/B/WY
Page 2 of 14
1. Introduction
The PCS.07.A is a low profile SMT cellular antenna designed for direct SMT mount on
the device PCB. It provides highest efficiency in very small factor 35*7*3mm. It is
more resistant to detuning compared to other antenna integrations. If tuning is
required it can be tuned for the device environment, while there is no need for new
tooling. Its rectangular shape and very small size makes it very easy to integrate – can
be mounted directly on the edge of the PCB board.
The PCS.07 antenna is suitable for lower cost cellular applications and is especially
suitable for telematics and automotive sector. If higher efficiency or improved radiated
spurious emissions are required, especially on smaller ground-planes, please use our
PA series antennas, PA.25 or PA.710.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14