| Moteur de recherche de fiches techniques de composants électroniques |
|
PDTC115EEF Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC115EEF Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 14 page ![]() 2004 Jul 30 4 Philips Semiconductors Product specification PNP resistor-equipped transistors; R1 = 100 k Ω, R2 = 100 kΩ PDTA115E series ORDERING INFORMATION LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). Notes 1. Refer to standard mounting conditions. 2. Reflow soldering is the only recommended soldering method. 3. Refer to SOT883 standard mounting conditions; FR4 with 60 µm copper strip line. TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION PDTA115EE − plastic surface mounted package; 3 leads SOT416 PDTA115EEF − plastic surface mounted package; 3 leads SOT490 PDTA115EK − plastic surface mounted package; 3 leads SOT346 PDTA115EM − leadless ultra small plastic package; 3 solder lands; body 1.0 × 0.6 × 0.5 mm SOT883 PDTA115ES − plastic single-ended leaded (through hole) package; 3 leads SOT54 PDTA115ET − plastic surface mounted package; 3 leads SOT23 PDTA115EU − plastic surface mounted package; 3 leads SOT323 SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCBO collector-base voltage open emitter −−50 V VCEO collector-emitter voltage open base −−50 V VEBO emitter-base voltage open collector −−10 V VI input voltage positive − +10 V negative −−40 V IO output current (DC) −−20 mA ICM peak collector current −−100 mA Ptot total power dissipation Tamb ≤ 25 °C SOT23 note 1 − 250 mW SOT54 note 1 − 500 mW SOT323 note 1 − 200 mW SOT346 note 1 − 250 mW SOT416 note 1 − 150 mW SOT490 notes 1 and 2 − 250 mW SOT883 notes 2 and 3 − 250 mW Tstg storage temperature −65 +150 °C Tj junction temperature − 150 °C Tamb operating ambient temperature −65 +150 °C |