| Moteur de recherche de fiches techniques de composants électroniques |
|
74ACT32SC Fiches technique(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74ACT32SC Fiches technique(HTML) 5 Page - ON Semiconductor |
|
5 / 6 page ![]() AC Electrical Characteristics for AC Note: 6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V. AC Electrical Characteristics for ACT Note: 7. Voltage Range 5.0 is 5.0V ± 0.5V. Capacitance Symbol Parameter VCC (V) (6) TA = +25°C, CL = 50pF TA = –40°C to +85°C, CL = 50pF Units Min. Typ. Max. Min. Max. tPLH Propagation Delay 3.3 1.5 7.5 9.0 1.5 10.0 ns 5.0 1.5 5.5 7.5 1.0 8.5 tPHL Propagation Delay 3.3 1.5 7.0 8.5 1.0 9.0 ns 5.0 1.5 5.0 7.0 1.0 7.5 Symbol Parameter VCC (V) (7) TA = +25°C, CL = 50pF TA = –40°C to +85°C, CL = 50pF Units Min. Typ. Max. Min. Max. tPLH Propagation Delay 5.0 1.0 6.5 9.0 1.0 10.0 ns tPHL Propagation Delay 5.0 1.0 6.5 9.0 1.0 10.0 ns Symbol Parameter Conditions Typ. Units CIN Input Capacitance VCC = OPEN 4.5 pF CPD Power Dissipation Capacitance VCC = 5.0V 20.0 pF www.onsemi.com 5 |