Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8420FSZ Fiches technique(PDF) 17 Page - Analog Devices

No de pièce DAC8420FSZ
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

DAC8420FSZ Fiches technique(HTML) 17 Page - Analog Devices

Back Button DAC8420FSZ Datasheet HTML 13Page - Analog Devices DAC8420FSZ Datasheet HTML 14Page - Analog Devices DAC8420FSZ Datasheet HTML 15Page - Analog Devices DAC8420FSZ Datasheet HTML 16Page - Analog Devices DAC8420FSZ Datasheet HTML 17Page - Analog Devices DAC8420FSZ Datasheet HTML 18Page - Analog Devices DAC8420FSZ Datasheet HTML 19Page - Analog Devices DAC8420FSZ Datasheet HTML 20Page - Analog Devices DAC8420FSZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
DAC8420
Rev. C | Page 17 of 23
Like all amplifiers, the DAC8420 output buffers do generate
voltage noise, 52 nV/√Hz typically. This is easily reduced by
adding a simple RC low-pass filter on each output.
REFERENCE CONFIGURATION
The two reference inputs of the DAC8420 allow a great deal
of flexibility in circuit design. The user must take care, however,
to observe the minimum voltage input levels on VREFHI and
VREFLO to maintain the accuracy shown in the data sheet.
These input voltages can be set anywhere across a wide range
within the supplies, but must be a minimum of 2.5 V apart in
any case (see Figure 30). A wide output voltage range can be
obtained with ±5 V references, which can be provided by the
AD588 as shown in Figure 33. Many applications utilize the
DACs to synthesize symmetric bipolar waveforms, which
require an accurate, low drift bipolar reference.
The AD588 provides both voltages and needs no external
components. Additionally, the device is trimmed in production
for 12-bit accuracy over the full temperature range without user
calibration. Performing a clear with the reset select CLSEL high
allows the user to easily reset the DAC outputs to midscale, or
0 V in these applications.
When driving the reference inputs VREFHI and VREFLO, it is
important to note that VREFHI both sinks and sources current,
and that the input currents of both are code dependent. Many
voltage reference products have a limited current sinking capability
and must be buffered with an amplifier to drive VREFHI in order
to maintain overall system accuracy. The input VREFLO, however,
has no such requirement.
8
9
16
15
14
12
11
10
DAC8420
1
5
9
10
8
12
11
13
3
4
6
7
1
14
15
2
16
0.1µF
0.1µF
+15V
SUPPLY
–15V
SUPPLY
SYSTEM
GROUND
+5V
–5V
A3
A4
+VS
–VS
AD588
R4
R5
R6
R2
R1
RB
R3
1µF
A1
A2
DAC A
DAC B
DAC C
DAC D
4
5
DIGITAL
CONTROLS
GND
DIGITAL INPUTS
VREFHI
+5V
VREFLO
–5V
2
3
6
7
+15V SUPPLY
0.1µF
–15V SUPPLY
0.1µF
VOUTA
VOUTB
VOUTC
VOUTD
Figure 33. ±10 V Bipolar Reference Configuration Using the AD588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23