| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5544ARS Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5544ARS Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() Data Sheet AD5544/AD5554 Rev. H | Page 21 of 24 Table 10. Suitable Analog Devices Precision References Part No. Output Voltage (V) Initial Tolerance (%) Maximum Temperature Drift (ppm/°C) I SS (mA) Output Noise (µV p-p) Package(s) ADR01 10 0.05 3 1 20 8-lead SOIC ADR01 10 0.05 9 1 20 5-lead TSOT, 5-lead SC70 ADR02 5.0 0.06 3 1 10 8-lead SOIC ADR02 5.0 0.06 9 1 10 5-lead TSOT, 5-lead SC70 ADR03 2.5 0.1 3 1 6 8-lead SOIC ADR03 2.5 0.1 9 1 6 5-lead TSOT, 5-lead SC70 ADR06 3.0 0.1 3 1 10 8-lead SOIC ADR06 3.0 0.1 9 1 10 5-lead TSOT, 5-lead SC70 ADR420 2.048 0.05 3 0.5 1.75 8-lead SOIC, 8-lead MSOP ADR421 2.50 0.04 3 0.5 1.75 8-lead SOIC, 8-lead MSOP ADR423 3.00 0.04 3 0.5 2 8-lead SOIC, 8-lead MSOP ADR425 5.00 0.04 3 0.5 3.4 8-lead SOIC, 8-lead MSOP ADR431 2.500 0.04 3 0.8 3.5 8-lead SOIC, 8-lead MSOP ADR435 5.000 0.04 3 0.8 8 8-lead SOIC, 8-lead MSOP ADR391 2.5 0.16 9 0.12 5 5-lead TSOT ADR395 5.0 0.10 9 0.12 8 5-lead TSOT Table 11. Suitable Analog Devices Precision Op Amps Part No. Supply Voltage (V) VOS Maximum (µV) IB Maximum (nA) 0.1 Hz to 10 Hz Noise (µV p-p) Supply Current (µA) Package(s) OP97 ±2 to ±20 25 0.1 0.5 600 8-lead SOIC, 8-lead PDIP OP1177 ±2.5 to ±15 60 2 0.4 500 8-lead MSOP, 8-lead SOIC AD8675 ±5 to ±18 75 2 0.1 2300 8-lead MSOP, 8-lead SOIC AD8671 ±5 to ±15 75 12 0.077 3000 8-lead MSOP, 8-lead SOIC ADA4004-1 ±5 to ±15 125 90 0.1 2000 8-lead SOIC, 5-lead SOT-23 AD8603 1.8 to 5 50 0.001 2.3 40 5-lead TSOT AD8607 1.8 to 5 50 0.001 2.3 40 8-lead MSOP, 8-lead SOIC AD8605 2.7 to 5 65 0.001 2.3 1000 5-lead WLCSP, 5-lead SOT-23 AD8615 2.7 to 5 65 0.001 2.4 2000 5-lead TSOT AD8616 2.7 to 5 65 0.001 2.4 2000 8-lead MSOP, 8-lead SOIC Table 12. Suitable Analog Devices High Speed Op Amps Part No. Supply Voltage (V) BW at ACL (MHz) Slew Rate (V/µs) V OS (Max) (µV) I B (Max) (nA) Package(s) AD8065 5 to 24 145 180 1500 0.006 8-lead SOIC, 5-lead SOT-23 AD8066 5 to 24 145 180 1500 0.006 8-lead SOIC, 8-lead MSOP AD8021 5 to 24 490 120 1000 10,500 8-lead SOIC, 8-lead MSOP AD8038 3 to 12 350 425 3000 750 8-lead SOIC, 5-lead SC70 ADA4899-1 5 to 12 600 310 35 100 8-lead LFCSP, 8-lead SOIC AD8057 3 to 12 325 1000 5000 500 5-lead SOT-23, 8-lead SOIC AD8058 3 to 12 325 850 5000 500 8-lead SOIC, 8-lead MSOP AD8061 2.7 to 8 320 650 6000 350 5-lead SOT-23, 8-lead SOIC AD8062 2.7 to 8 320 650 6000 350 8-lead SOIC, 8-lead MSOP AD9631 ±3 to ±6 320 1300 10,000 7000 8-lead SOIC, 8-lead PDIP |