| Moteur de recherche de fiches techniques de composants électroniques |
|
HT702 Fiches technique(PDF) 7 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
HT702 Fiches technique(HTML) 7 Page - Hirose Electric |
|
7 / 8 page ![]() 7 TJ*A Series●Interface Connector for Railway Applications BManual Crimp Tools The Hirose hand tool for the TJ*A series features replaceable die sets and parts. This allows you the ability to use one Hirose tool body and switch between the two Hirose die sets to crimp either of the TJ*A terminals. Due to wear, neglect or loss, replacement parts are also available for the Hirose die sets. Please see the chart at the bottom of page seven for these part numbers. Please be careful to select the correct replacement part based on the terminal and wire size you are trying to crimp. If you have any concern on the correct part to purchase, a Hirose sales representative will be glad to assist in selecting the correct part. *Please refer to the bottom of page 6 and 7 for product numbers and descriptions. ①Tool Frame Part No. HRS No. HT702 250-1001-1 00 BAutomatic Crimper Please call us. BExtraction tools Part No. HRS No. Remarks PQ50S/RE-MD 902-2202-2 00 1 pcs/box The wire crimper and insulation crimper are wire gauge specific. Each crimping location is marked on the part. Please make sure that you have each crimper orientated to the specific wire gauge you are using. ①Tool Frame ⑧Crimp Spacer ③Wire Crimper ② Insulation Crimper M3 Screw (included with tool frame ①) M2 Screw (included with tool frame ①) ① Tool Frame ⑥⑦Contact Holders A, B assembled ⑤Wire Anvil ④ Insulation Anvil M3 Screw (included with tool frame ①) ⑦ Contact Holder B ⑥Contact Holder A Upper row : Product No. / Lower row : HRS No. ② IC Insulation Crimper ③ WC (Wire Crimper) ④ IA (Insulation Anvil) ⑤ WA (Wire Anvil) ⑥ Contact Holder A ⑦ Contact Holder B ⑧ Crimper Spacer 286648 【250-1023-4(61)】 286649 【250-1023-4(62)】 286650 【250-1023-4(63)】 286651 【250-1023-4(64)】 286652 【250-1023-4(65)】 286653 【250-1023-4(66)】 285996 【250-1023-4(67)】 286654 【250-1024-7(61)】 286655 【250-1024-7(62)】 286656 【250-1024-7(63)】 286657 【250-1024-7(64)】 286652 【250-1024-7(65)】 286653 【250-1024-7(66)】 285996 【250-1024-7(67)】 287347 【250-1033-0(61)】 286960 【250-1033-0(62)】 287343 【250-1033-0(63)】 286651 【250-1033-0(64)】 286652 【250-1033-0(65)】 286653 【250-1033-0(66)】 285996 【250-1033-0(67)】 287342 【250-1034-0(61)】 286649 【250-1034-0(62)】 287343 【250-1034-0(63)】 286651 【250-1034-0(64)】 286652 【250-1034-0(65)】 286653 【250-1034-0(66)】 285996 【250-1034-0(67)】 287344 【250-1035-0(61)】 286655 【250-1035-0(62)】 287345 【250-1035-0(63)】 286657 【250-1035-0(64)】 286652 【250-1035-0(65)】 286653 【250-1035-0(66)】 285996 【250-1035-0(67)】 * Note : Part numbers listed above are for component parts needed for repair or service. Part numbers for complete die sets can be found on page 6. |