Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74HC4052G-S16-R Fiches technique(PDF) 8 Page - Unisonic Technologies

No de pièce U74HC4052G-S16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4052G-S16-R Fiches technique(HTML) 8 Page - Unisonic Technologies

  U74HC4052G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
U74HC4052
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
8 of 9
www.unisonic.com.tw
QW-R502-243.D
T EST CI RCU I T AN D WAV EFORM S(Cont .)
Input pulse definitions
Test circuit for measuring AC performance.
TEST
SWITCH
VIS
tPZH
VEE
VCC
tPZL
VCC
VEE
tPHZ
VEE
VCC
tPLZ
VCC
VEE
other
open
pulse
NOTE: Definitions for test circuit:
RL = load resistance
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tTHL=tTLH=6 ns; when measuring fMAX, there is no constraint to tTHL and tTLH with 50% duty factor.



Html Pages

1 2 3 4 5 6 7 8 9