| Moteur de recherche de fiches techniques de composants électroniques |
|
4066G-S14-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
4066G-S14-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 7 page ![]() 4066 CMOS IC UNISONIC TECHNOLOGIES CO., LTD 3 of 7 www.unisonic.com.tw QW-R502-009.I ABSOLU T E M AX I M U M RAT I N GS (VSS=0V, unless otherwise specified)) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VDD -0.5 ~ +18 V Input Voltage VIN -0.5 ~ VCC+0.5 V DIP-14 700 Power Dissipation SOP-14/TSSOP-14 PD 500 mW Junction Temperature TJ +125 C Storage Temperature TSTG -40 ~ +150 C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOM M EN DED OPERAT I N G CON DI T I ON S (VSS=0V, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VDD 3 ~ 15 V Input Voltage VIN 0 ~ VDD V Operating Temperature Range TOPR -40 ~ +85 C DC ELECT RI CAL CH ARACT ERI ST I CS (VSS=0V, unless otherwise specified) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT VDD=5V 0.01 1.0 VDD=10V 0.01 2.0 Quiescent Device Current IDD VDD=15V 0.01 4.0 μA SIGNAL INPUTS AND OUTPUTS Input or Output Leakage Switch “OFF” IIS VC=0 ±0.1 ±50 nA VDD=5V 270 1050 VDD=10V 120 400 “ON” Resistance RON RL=10k Ω~ (VDD-VSS/2) VC=VDD, VSS ~ VDD VDD=15V 80 240 Ω VDD=5V 20 VDD=10V 10 ∆”ON” Resistance Between Any 2 of 4 Switches ∆RON RL=10k Ω~ (VDD-VSS/2) VC=VDD, VIS=VSS ~VDD VDD=15V 5 Ω CONTROL INPUTS VDD=5V 2.25 1.5 VDD=10V 4.5 3.0 Low Level Input Voltage VILC VIS=VSS and VDD VOS=VDD and VSS IIS=±10 μA VDD=15V 6.75 4.0 V VDD=5V 3.5 2.75 VDD=10V (Note) 7.0 5.5 HIGH Level Input Voltage VIHC VDD=15V 11.0 8.25 V Input Current IIN VDD-VSS=15V, VDD≧VIS≧VSS, VDD≧VC≧VSS ±10 -5 ±0.3 μA Note: Conditions for VIHC: (a) VIS=VDD, IOS=standard B series IOH. (b) VIS=0V, IOL=standard B series IOL |