Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM562AP Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM562AP Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM562AP Datasheet HTML 3Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 4Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 5Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 6Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 7Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 8Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 9Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 10Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
7
Version: DM562AP-DS-P02
March 05, 2004
AD27
AD26
AD25
AD24
GND
IDSEL
C/BE3#
AD22
AD16
C/BE2#
FRAME#
GND
IRDY#
TRDY#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
DM6588A
PCI
DEVSEL#
STOP#
23
24
25
26
28
27
29
VDD
GND
31
32
33
34
36
38
35
37
102
101
100
99
98
97
96
94
95
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
AD23
AD17
AD18
AD19
VCC
AD20
AD21
GND
D4
D5
CA1
VDD
CA4
CA7
GND
CA6
CA5
CA3
CA2
CA0
D7
D6
CA9
CA10
CA11
CA12
CA13
CA14
CA15
CA8
C/BE1#
PAR
SERR#
PERR#
AD14
AD15
AD12
AD13
AD11
POWEROFF
RST#
TEST2
TEST3
30
RIN
GND
/RD
/WR
/PSEN
RD_SP1
RD_SP2
VDD
SCLK
AD0
RXSCLK
VCC
PME#
PCLK
TEST4
DM6588A PCI Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48