| Moteur de recherche de fiches techniques de composants électroniques |
|
ML9092-01TB Fiches technique(PDF) 18 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML9092-01TB Fiches technique(HTML) 18 Page - OKI electronic componets |
|
18 / 66 page ![]() FEDL9092-01 OKI Semiconductor ML9092-01/02/03/04 18/66 ABSOLUTE MAXIMUM RATINGS Parameter Symbol Condition Rating Unit Applicable Pins Power Supply Voltage VDD Ta = 25 °C –0.3 to +6.5 V VDD High Power Supply Voltage VH Ta = 25 °C –0.3 to +18.0 V VOUT, VHIN Bias Voltage VBI Ta = 25 °C –0.3 to VOUT (VHIN) + 0.3 V VC1+, V0, V1, V2, V3 Voltage Doubler Reference Voltage VIN Ta = 25 °C –0.3 to VDD + 0.3 V VIN Input Voltage VI Ta = 25 °C –0.3 to VDD + 0.3 V CS, CP, DI/O, OSC1, C0 to C3, C0 to C4, C0/D0 to C4/D4, KPS, A, B, RESET Ta = 25 °C –20 to +3 mA PA0 Output Current IO Ta = 25 °C –3 to +4 mA PB0 to PB2, R0/C0 to R4/C4, C0/D0 to C4/D4, R0 to R4, R0 to R5, DI/O, KREQ Power Dissipation PD Ta = 85 °C 190 mW — Storage Temperature Tstg — –55 to +150 °C — VSS is the reference voltage potential for all pins. |