| Moteur de recherche de fiches techniques de composants électroniques |
|
SSB11V-R1390 Fiches technique(PDF) 2 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
SSB11V-R1390 Fiches technique(HTML) 2 Page - Kemet Corporation |
|
2 / 4 page ![]() 2 © KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard LF0024_SSB11V-R-11H-R • 11/5/2018 Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com AC Line Filters – SS Coils, SSB11V-R/11H-R Type Dimensions – Millimeters SSB11V-R 13 10±0.5 14.5 ±1.0 13±0.5 22±1.0 ø0.8 18±0.5 21±1.0 14±0.5 (1.5) (5.0) 20.5 ±1.0 18 ø0.8 Marking Marking Environmental Compliance All KEMET AC Line Filters are RoHS Compliant. Table 1 – Ratings & Part Number Reference Part Number Rated Current AC (A) Inductance (mH) Minimum DC Resistance/Line (Ω) Maximum Temperature Rise (K) Maximum Weight (g) Approximate SSB11H-R13090 1.3 9.0 0.38 60 11 SSB11V-R13090 1.3 9.0 0.38 60 11 SSB11H-R17043 1.7 4.3 0.18 40 11 SSB11V-R17043 1.7 4.3 0.18 40 11 (1) To complete KEMET part number, insert V for vertical core type or H for horizontal core type. SSB11H-R |