| Moteur de recherche de fiches techniques de composants électroniques |
|
M45PE10-VMP6 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M45PE10-VMP6 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 34 page ![]() M45PE10 30/34 PACKAGE MECHANICAL Figure 25. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Outline Note: Drawing is not to scale. Table 14. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Mechanical Data Symb. mm inches Typ. Min. Max. Typ. Min. Max. A 1.35 1.75 0.053 0.069 A1 0.10 0.25 0.004 0.010 B 0.33 0.51 0.013 0.020 C 0.19 0.25 0.007 0.010 D 4.80 5.00 0.189 0.197 E 3.80 4.00 0.150 0.157 e1.27 – – 0.050 –– H 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 L 0.40 0.90 0.016 0.035 α 0° 8° 0° 8° N8 8 CP 0.10 0.004 SO-a E N CP B e A D C L A1 α 1 H h x 45˚ |