| Moteur de recherche de fiches techniques de composants électroniques |
|
MC4558G-SM1-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MC4558G-SM1-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNI SONI C TECHNOLOGI ES CO., LTD MC4558 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 6 Copyright © 2018 Unisonic Technologies Co., Ltd QW-R105-002.K DU AL OPERAT I ON AL AM PLI FI ER DESCRI PT I ON The UTC MC4558 is a monolithic integrated circuit designed for dual operational amplifier. FEAT U RES * No frequency compensation required * No latch-up * Large common mode and differential voltage range * Parameter tracking over temperature range * Gain and phase match between amplifiers * Internally frequency compensated * Low noise input transistors TSSOP-8 MSOP-8 DIP-8 SOP-8 SIP-9 SIP-8 ORDERI N G I N FORM AT I ON Ordering Number Lead Free Halogen Free Package Packing MC4558L-D08-T MC4558G-D08-T DIP-8 Tube MC4558L-G08-T MC4558G-G08-T SIP-8 Tube MC4558L-L09-T MC4558G-G09-T SIP-9 Tube MC4558L-P08-R MC4558G-P08-R TSSOP-8 Tape Reel MC4558L-S08-R MC4558G-S08-R SOP-8 Tape Reel MC4558L-SM1-R MC4558G-SM1-R MSOP-8 Tape Reel M ARK I N G DIP-8 SOP-8/MSOP-8 TSSOP-8 SIP-8 / SIP-9 |
Numéro de pièce similaire - MC4558G-SM1-R |
|
Description similaire - MC4558G-SM1-R |