| Moteur de recherche de fiches techniques de composants électroniques |
|
MC1458L-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MC1458L-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNI SONI C TECHNOLOGI ES CO., LTD MC1458 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 4 Copyright © 2017 Unisonic Technologies Co., Ltd QW-R105-008.E DU AL OPERAT I ON AL AM PLI FI ER DESCRI PT I ON The UTC MC1458 is a high performance dual operational amplifier. It is designed for a wide range of analog applications. The high gain and wide range of operating voltages provide superior performance in summing amplifier, voltage follower, integrator, active filter, function generator and general feed back applications. FEAT U RES * Low power consumption * Wide input voltage range * No latch-up * High gain * Short-circuit protection * Frequency compensation is unnecessary DIP-8 SOP-8 ■ ORDERI N G I N FORM AT I ON Ordering Number Lead Free Halogen Free Package Packing MC1458L-D08-T MC1458G-D08-T DIP-8 Tube MC1458L-S08-R MC1458G-S08-R SOP-8 Tape Reel M ARK I N G DIP-8 SOP-8 |
Numéro de pièce similaire - MC1458L-S08-R |
|
Description similaire - MC1458L-S08-R |