Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMCX-R-PC Fiches technique(PDF) 6 Page - Hirose Electric

No de pièce MMCX-R-PC
Description  Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MMCX-R-PC Fiches technique(HTML) 6 Page - Hirose Electric

  MMCX-R-PC Datasheet HTML 1Page - Hirose Electric MMCX-R-PC Datasheet HTML 2Page - Hirose Electric MMCX-R-PC Datasheet HTML 3Page - Hirose Electric MMCX-R-PC Datasheet HTML 4Page - Hirose Electric MMCX-R-PC Datasheet HTML 5Page - Hirose Electric MMCX-R-PC Datasheet HTML 6Page - Hirose Electric MMCX-R-PC Datasheet HTML 7Page - Hirose Electric MMCX-R-PC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
B36
■Straight Jack
CL No.
Part Number
339-0009-9
MMCX-J-FHSB
CL No.
Part Number
339-0011-0
MMCX-J-178B/U
CL No.
Part Number
339-0016-4
MMCX-PBJ-066
CL No.
Part Number
339-0022-7
MMCX-J-088
● Ø1.37 Single Shield Cable
7.8
14.8
● Ø1.32 Double Shield Cable
● Ø1.13 Single Shield Cable
8.6
5.1
0.8
6.5HEX
No.10-32UNF-2A
10
5.1
+0.1
0
Panel thickness : 1.3 to 2.5mm
Recomonded panel cut-out
●Ø1.48 Single Shielded Cable
7.8
14.8
●RG-178B/U and equivalent
7.8
14.8



Html Pages

1 2 3 4 5 6 7 8