| Moteur de recherche de fiches techniques de composants électroniques |
|
EB212 Fiches technique(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
EB212 Fiches technique(HTML) 2 Page - Motorola, Inc |
|
2 / 8 page ![]() EB212 2 MOTOROLA SEMICONDUCTOR APPLICATION INFORMATION SINGLE–ENDED DEVICES The data sheet impedance format for single-ended devices is illustrated in Figure 3. The impedance data is taken by tuning the fixture for optimum* performance and then measuring the impedance at the device reference plane. Figure 4 shows the format for in-band frequency-depend - ent impedances that should be presented to the device for optimal performance. This measured data can be turned into an S1P file as shown in Figure 5. Note: The imaginary portion of the measured impedance data has been conjugated from the data shown in Figure 4. The impedances are to be conjugated from the data sheet to account for rotation of reference frames. This means that when data is first acquired, the measured data represents impedances as seen by looking into the input side RF launch point. However, the data needs to be presented as looking into the part for S1,1 optimization. This is the reason for the redirection of the arrows as well as the conjugation of the measured impedance data. * An optimum tuned fixture will be tuned for overall peak performance considering all major parameters: input return loss (IRL), efficiency, P1dB, linearity, maximum output power (Pout) and bandwidth. Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. Z source Z load Input Matching Network Device Under Test Output Matching Network Figure 3. Data Sheet Impedance Format for Single–Ended Devices Figure 4. Optimal Impedances for an MRF19125 Test Fixture f MHz Zsource Ω Zload Ω 1930 1960 1990 1.43 - j5.01 1.56 - j4.93 1.51 - j4.88 0.75 - j0.93 0.71 - j0.89 0.68 - j1.02 Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. Z source Z load Input Matching Network Device Under Test Output Matching Network ! S11 (input) file ! Circuit : MRF19125 ! Author : John Q. Designer ! Date : 01/01/2003 ! File : mrf19125_zin.s1p ! ! File Format: # MHz Z RE IM ! ! 1930 1.43 5.01 1960 1.51 4.88 1990 1.56 4.93 ! ! End of File Figure 5. S1P File of Impedances to Be Used at Input Block Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |