Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5624BCPZ-R2 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5624BCPZ-R2
Description  Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5624BCPZ-R2 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5624BCPZ-R2 Datasheet HTML 3Page - Analog Devices AD5624BCPZ-R2 Datasheet HTML 4Page - Analog Devices AD5624BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5624BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5624BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5624BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5624BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD5624BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5624BCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
AD5624/AD5664
Rev. A | Page 7 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VOUTA
10
VREF
2
VOUTB
9
VDD
3
GND
8
DIN
4
VOUTC
7
SCLK
5
VOUTD
6
SYNC
AD5624/
AD5664
TOP VIEW
(Not to Scale)
Figure 3. 10-Lead MSOP Pin Configuration
VOUTAVREF
VOUTB
VDD
GND
DIN
VOUTC
SCLK
VOUTD
SYNC
1
2
3
4
5
10
NOTES
1. EXPOSED PAD TIED TO GND
ON LFCSP PACKAGE.
9
8
7
6
AD5624/
AD5664
TOP VIEW
(Not to Scale)
Figure 4. 10-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
2
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
3
GND
Ground Reference Point for All Circuitry on the device
4
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
5
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
6
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it powers on
the SCLK and DIN buffers and enables the input shift register. Data is transferred in on the falling edges of the next
24 clocks. If SYNC is taken high before the 24th falling edge, the rising edge of SYNC acts as an interrupt and the
write sequence is ignored by the device.
7
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can
be transferred at rates up to 50 MHz.
8
DIN
Serial Data Input. This device has a 24-bit input shift register. Data is clocked into the register on the falling edge of
the serial clock input.
9
VDD
Power Supply Input. These devices can be operated from 2.7 V to 5.5 V. The supply is decoupled with a 10 μF
capacitor in parallel with a 0.1 μF capacitor to GND.
10
VREF
Reference Voltage Input.
EPAD
Exposed Pad. Exposed pad tied to GND on LFCSP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23