| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5621 Fiches technique(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5621 Fiches technique(HTML) 15 Page - Analog Devices |
|
15 / 21 page ![]() Data Sheet AD5601/AD5611/AD5621 Rev. H | Page 15 of 21 Figure 41. AD5621 Input Register Contents Figure 42. AD5611 Input Register Contents Figure 43. AD5601 Input Register Contents Figure 44. SYNC Interrupt Facility DB15 (MSB) PD1 PD0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 X X DB0 (LSB) DATA BITS POWER-DOWN MODES 0 1 0 1 0 0 1 1 NORMAL OPERATION 1k Ω TO GND 100k Ω TO GND THREE-STATE DB15 (MSB) PD1 PD0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 X X X X DB0 (LSB) DATA BITS POWER-DOWN MODES 0 1 0 1 0 0 1 1 NORMAL OPERATION 1k Ω TO GND 100k Ω TO GND THREE-STATE DB15 (MSB) PD1 PD0 D8 D7 D6 D5 D4 D3 D2 D1 X X X X X X DB0 (LSB) DATA BITS POWER-DOWN MODES 0 1 0 1 0 0 1 1 NORMAL OPERATION 1k Ω TO GND 100k Ω TO GND THREE-STATE DB15 DB15 DB0 DB0 INVALID WRITE SEQUENCE: SYNC HIGH BEFORE 16TH FALLING EDGE VALID WRITE SEQUENCE, OUTPUT UPDATES ON THE 16TH FALLING EDGE SYNC SCLK SDIN |