| Moteur de recherche de fiches techniques de composants électroniques |
|
USB97C201 Fiches technique(PDF) 25 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB97C201 Fiches technique(HTML) 25 Page - SMSC Corporation |
|
25 / 59 page ![]() SMSC DS – USB97C201 Page 25 Rev. 03/25/2002 PRELIMINARY Table 16 – GPIO Interrupt Mask Register GPIO_MSK (0x9C- RESET=0xFF) GPIO INTERRUPT MASK REGISTER BIT NAME R/W DESCRIPTION 7 GPIO7_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051. 6 GPIO6_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051.. 5 GPIO5_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 4 GPIO4_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 3 GPIO3_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 2 GPIO2_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 1 GPIO1_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 0 GPIO0_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... |