Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7313 Fiches technique(PDF) 13 Page - PHOENIX CONTACT

No de pièce 7313
Description  Touch panels with STN/FSTN or TFT display
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7313 Fiches technique(HTML) 13 Page - PHOENIX CONTACT

Back Button 7313 Datasheet HTML 9Page - PHOENIX CONTACT 7313 Datasheet HTML 10Page - PHOENIX CONTACT 7313 Datasheet HTML 11Page - PHOENIX CONTACT 7313 Datasheet HTML 12Page - PHOENIX CONTACT 7313 Datasheet HTML 13Page - PHOENIX CONTACT 7313 Datasheet HTML 14Page - PHOENIX CONTACT 7313 Datasheet HTML 15Page - PHOENIX CONTACT 7313 Datasheet HTML 16Page - PHOENIX CONTACT 7313 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TP 04M, TP 06M, TP 06S, TP 07T
7313_en_03
PHOENIX CONTACT
13
7Display
Depending on its design, the touch panel is equipped with different displays.
Touch screen
The touch panel has a resistive 4-wire touch screen, which is used for its operation.
8Interfaces
Several interfaces are located on the bottom of the touch panel.
Figure 9
Interfaces of the TP 04M, TP 06M, TP 06S and TP 07T touch panels
1
Female connector X5 (Ethernet)
2
Female connector X9, X10 (USB host - type A)
3
Male connector X1 (supply voltage)
DANGER: Poisoning
If the display is damaged, avoid direct contact with skin, and do not ingest any liquids or inhale any gases.
DANGER: Chemical burns
If the display is damaged, avoid direct contact with skin, and do not ingest any liquids or inhale any gases.
NOTE: Damage
Pointed or sharp objects, such as pins or fingernails, may cause irreparable damage to the touch screen.
Therefore, only use your fingertips or the tools specified in the technical data for operating the touch screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17