Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NSSB146AT Fiches technique(PDF) 17 Page - NICHIA CORPORATION

No de pièce NSSB146AT
Description  BLUE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHIA [NICHIA CORPORATION]
Site Internet  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSB146AT Fiches technique(HTML) 17 Page - NICHIA CORPORATION

Back Button NSSB146AT Datasheet HTML 9Page - NICHIA CORPORATION NSSB146AT Datasheet HTML 10Page - NICHIA CORPORATION NSSB146AT Datasheet HTML 11Page - NICHIA CORPORATION NSSB146AT Datasheet HTML 12Page - NICHIA CORPORATION NSSB146AT Datasheet HTML 13Page - NICHIA CORPORATION NSSB146AT Datasheet HTML 14Page - NICHIA CORPORATION NSSB146AT Datasheet HTML 15Page - NICHIA CORPORATION NSSB146AT Datasheet HTML 16Page - NICHIA CORPORATION NSSB146AT Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
NICHIA STS-DA1-4506A <Cat.No.161222>
16
(8) Eye Safety
● In 2006, the International Electrical Commission (IEC) published IEC 62471:2006 Photobiological safety of lamps
and lamp systems, which added LEDs in its scope.
On the other hand, the IEC 60825-1:2007 laser safety standard removed LEDs from its scope.
However, please be advised that some countries and regions have adopted standards
based on the IEC laser safety standard IEC 60825-1:20112001, which still includes LEDs in its scope.
Most of Nichia's LEDs can be classified as belonging into either the Exempt Group or Risk Group 1.
High-power LEDs, that emit light containing blue wavelengths, may be classified as Risk Group 2.
Please proceed with caution when viewing directly any LEDs driven at high current, or viewing LEDs
with optical instruments which may greatly increase the damages to your eyes.
● Viewing a flashing light may cause eye discomfort. When incorporating the LED into your product,
please be careful to avoid adverse effects on the human body caused by light stimulation.
(9) Others
● This product is intended to be used for general lighting, household appliances, electronic devices (e.g. mobile communication
devices) and automobiles; it is not designed or manufactured for use in applications that require safety critical functions
(e.g. aircraft, combustion equipment, life support systems, nuclear reactor control system, safety devices, spacecraft,
submarine repeaters, traffic control equipment, trains, vessels, etc.). If the LEDs are planned to be used for these applications,
unless otherwise detailed in the specification, Nichia will neither guarantee that the product is fit for that purpose nor be
responsible for any resulting property damage, injuries and/or loss of life/health.
● The customer shall not reverse engineer by disassembling or analysis of the LEDs without having prior written consent
from Nichia. When defective LEDs are found, the customer shall inform Nichia directly before disassembling or analysis.
● The specifications and appearance of this product may change without notice;
Nichia does not guarantee the contents of this specification. Both the customer and Nichia
will agree on the official specifications of supplied products before the volume production of a program begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17