| Moteur de recherche de fiches techniques de composants électroniques |
|
2N3906-AP Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N3906-AP Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() 2N3906 SMALL SIGNAL PNP TRANSISTOR PRELIMINARY DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTOR s TO-92 PACKAGE SUITABLE FOR THROUGH-HOLE PCB ASSEMBLY s THE NPN COMPLEMENTARY TYPE IS 2N3904 APPLICATIONS s WELL SUITABLE FOR TV AND HOME APPLIANCE EQUIPMENT s SMALL LOAD SWITCH TRANSISTOR WITH HIGH GAIN AND LOW SATURATION VOLTAGE ® INTERNAL SCHEMATIC DIAGRAM February 2003 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) -60 V VCEO Collector-Emitter Voltage (IB = 0) -40 V VEBO Emitter-Base Voltage (IC = 0) -6 V IC Collector Current -200 mA Ptot Total Dissipation at TC = 25 oC 625 mW Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC Ordering Code Marking Package / Shipment 2N3906 2N3906 TO-92 / Bulk 2N3906-AP 2N3906 TO-92 / Ammopack TO-92 Bulk TO-92 Ammopack 1/5 |
Numéro de pièce similaire - 2N3906-AP |
|
Description similaire - 2N3906-AP |