Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9858PCB Fiches technique(PDF) 22 Page - Analog Devices

No de pièce AD9858PCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9858PCB Fiches technique(HTML) 22 Page - Analog Devices

Back Button AD9858PCB Datasheet HTML 18Page - Analog Devices AD9858PCB Datasheet HTML 19Page - Analog Devices AD9858PCB Datasheet HTML 20Page - Analog Devices AD9858PCB Datasheet HTML 21Page - Analog Devices AD9858PCB Datasheet HTML 22Page - Analog Devices AD9858PCB Datasheet HTML 23Page - Analog Devices AD9858PCB Datasheet HTML 24Page - Analog Devices AD9858PCB Datasheet HTML 25Page - Analog Devices AD9858PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9858
Rev. A | Page 22 of 32
A3
A1
A2
D3
D1
D2
TWRHIGH
TWRLOW
TAHD
TDHD
TDOU
TASU
TWR
TASU
TDOU
TADH
TDHD
TWRLOW
TWRHIGH
TWR
SPECIFICATION
3ns
3.5ns
0ns
0ns
3ns
6ns
9ns
VALUE
ADDRESS SETUP TIME TO WR SIGNAL ACTIVE
DATA SETUP TIME TO WR SIGNAL INACTIVE
ADDRESS HOLD TIME TO WR SIGNAL INACTIVE
DATA HOLD TIME TO WR SIGNAL INACTIVE
WR SIGNAL MINIMUM LOW TIME
WR SIGNAL MINIMUM HIGH TIME
WR SIGNAL MINIMUM PERIOD
DESCRIPTION
D<7:0>
A<5:0>
WR
Figure 35. I/O Port Write Cycle Timing (Parallel)
A3
A1
A2
D3
D1
D2
TRDHOZ
TRDLOV
TADV
TAHD
TASU
TADH
TRDLOV
TRDHOZ
SPECIFICATION
15ns
5ns
15ns
10ns
VALUE
ADDRESS TO DATA VALID TIME (MAXIMUM)
ADDRESS HOLD TIME TO RD SIGNAL INACTIVE (MINIMUM)
RD LOW TO OUTPUT VALID (MAXIMUM)
RD HIGH TO DATA THREE-STATE (MAXIMUM)
DESCRIPTION
D<7:0>
A<5:0>
RD
Figure 36. I/O Port Read Cycle Timing (Parallel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32