Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DVRFD615X2 Fiches technique(PDF) 2 Page - IXYS Corporation

No de pièce DVRFD615X2
Description  Development Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

DVRFD615X2 Fiches technique(HTML) 2 Page - IXYS Corporation

  DVRFD615X2 Datasheet HTML 1Page - IXYS Corporation DVRFD615X2 Datasheet HTML 2Page - IXYS Corporation DVRFD615X2 Datasheet HTML 3Page - IXYS Corporation DVRFD615X2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DVRFD615X2 Development Board
Figure 4– Schematic diagram for DVRFD615X2, MOSFETs are not included.
Signal
Function
Test Point
GND
Circuit Ground
TP1
Vcc
Power Supply (8 V-15 V)
TP2
IN1
Input Signal
SMB1
IN2
Input Signal
SMB2
GND
TP3
Circuit Ground
Table 1– Test points and connector descriptions
Circuit Description
The schematic diagram for the evaluation board is shown
in Figure 4 below. The circuit includes the IXRFD615X2
gate driver, input protection and impedance matching re-
sistors, and bulk and bypass capacitance. While the
MOSFETs are depicted in the schematic, they are not
included with the board due to the variety of MOSFETs
IXYSRF offers.
The test points and connectors to operate the board are
described in Table 1.



Html Pages

1 2 3 4