Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NVSW309AT Fiches technique(PDF) 22 Page - NICHIA CORPORATION

No de pièce NVSW309AT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHIA [NICHIA CORPORATION]
Site Internet  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW309AT Fiches technique(HTML) 22 Page - NICHIA CORPORATION

Back Button NVSW309AT Datasheet HTML 18Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 19Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 20Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 21Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 22Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 23Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 24Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 25Page - NICHIA CORPORATION NVSW309AT Datasheet HTML 26Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
NICHIA STS-DA1-4490B <Cat.No.170321>
21
PACKAGING - TAPE & REEL
Nichia
LED
STS-DA7-4989
Nxxxxxxx
Label
Label
管理番号 No.
Reel
ー
熱 ー
Seal
Moisture-proof Bag
ミ防湿袋
RoHS
Nxxxxxxx
XXXX LED
*******
NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN
TYPE
LOT
QTY.
YMxxxx-RRR
PCS
RoHS
Nxxxxxxx
XXXX LED
*******
RRR
PCS
TYPE
RANK
QTY.
NICHIA CORPORATION
491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN
Reels are shipped with desiccants in heat-sealed moisture-proof bags.
カ
ー
ミ防湿袋 入
熱 ー
封 します
Desiccants
カ
Moisture-proof bags are packed in cardboard boxes
with corrugated partitions.
ミ防湿袋 並べ 入
ダンボー
仕
ます
ダンボー
防水加工
さ
ませ
梱包箱水 濡
い う注意し
さい
*
輸送 運搬 際し 弊社
梱包状態あ い
等梱包行
さい
*
取 扱い 際し
落させ
強い衝撃与え
します
製品損傷させ 原因
ます
注意し
さい
*
Using the original package material or equivalent in transit is recommended.
Do not expose to water. The box is not water-resistant.
Do not drop or expose the box to external forces as it may damage the products.
Products shipped on tape and reel are packed in a moisture-proof bag.
They are shipped in cardboard boxes to protect them from external forces during transportation.
* 本製品
ーピン し
輸送衝撃保護す
ダンボー
梱包します
If not provided, it will not be indicated on the label.
******* is the customer part number.
客型
設定さ
い い場合空白 す
* 客型
******* 示します
参照し
さい
For details, see "LOT NUMBERING CODE"
in this document.
*
ッ 表記方法
い
ッ 番号
The label does not have the RANK field for
un-ranked products.
*
ン
け
い場合
ン 表記あ ませ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41