| Moteur de recherche de fiches techniques de composants électroniques |
|
NVSW119CT Fiches technique(PDF) 14 Page - NICHIA CORPORATION |
|
|
|||||||||||||||||||||||||||||
NVSW119CT Fiches technique(HTML) 14 Page - NICHIA CORPORATION |
|
14 / 32 page ![]() NICHIA STS-DA1-3562G <Cat.No.180925> 13 LOT NUMBERING CODE Lot Number is presented by using the following alphanumeric code. YMxxxx - RRR Y - Year Year Y 2017 H 2018 I 2019 J 2020 K 2021 L 2022 M M - Month Month M Month M 1 1 7 7 2 2 8 8 3 3 9 9 4 4 10 A 5 5 11 B 6 6 12 C xxxx-Nichia's Product Number RRR-Ranking by Color Coordinates, Ranking by Luminous Flux, Ranking by Forward Voltage, Ranking by Color Rendering Index |