Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9380A Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STV9380A
Description  Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9380A Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STV9380A Datasheet HTML 2Page - STMicroelectronics STV9380A Datasheet HTML 3Page - STMicroelectronics STV9380A Datasheet HTML 4Page - STMicroelectronics STV9380A Datasheet HTML 5Page - STMicroelectronics STV9380A Datasheet HTML 6Page - STMicroelectronics STV9380A Datasheet HTML 7Page - STMicroelectronics STV9380A Datasheet HTML 8Page - STMicroelectronics STV9380A Datasheet HTML 9Page - STMicroelectronics STV9380A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package Mechanical Data
STV9380A
8/10
7
Package Mechanical Data
Figure 7: 20-Pin Plastic Dual In-Line Package, 300-mil Width
Table 2: DIP20 Package
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
24.89
26.92
0.980
1.060
e
2.54
0.100
E1
6.10
6.35
7.11
0.240
0.250
0.280
L
2.92
3.30
3.81
0.115
0.130
0.150
Number of Pins
N
20
D
e3
Sb2
b
e
A1
A
A2
L
C
e1
E1
G
e4
K1
K2



Html Pages

1 2 3 4 5 6 7 8 9 10