Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMD1113 Fiches technique(PDF) 13 Page - Summit Microelectronics, Inc.

No de pièce SMD1113
Description  10-Bit Data Acquisition System for Autonomous Environmental Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMMIT [Summit Microelectronics, Inc.]
Site Internet  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1113 Fiches technique(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMD1113 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMD1113 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMD1113 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMD1113 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMD1113 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMD1113 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMD1113 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMD1113 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMD1113 Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
2033 8.1 10/04/01
SMD1102 / 1103 / 1113
SUMMIT MICROELECTRONICS, Inc.
14 PIN SOIC PACKAGE
0.150 - 0.157
0.013 - 0.020
(0.33 - 0.51)
0.004 - 0.01
(0.10 - 0.25)
0.337 - 0.344
(8.55 - 8.75)
0.228 - 0.244
(5.80 - 6.20)
0.053 - 0.069
(1.35 - 1.75)
0.016 - 0.050
(0.40 - 1.27)
(1.27)
0.0075 - 0.01
(0.19 - 0.25)
0.01 - 0.02
(0.25 - 0.50)
(3.80 - 4.00)
14 Pin SOIC
×45º
0.016 - 0.050
0.05
0 to 8
typ
1
Ref. JEDEC MS-012
Inches
(Millimeters)
ORDERING INFORMATION
SMD110
2
S
Base Part Number
Package
Type
2 = REFIN
3 = AIN2
S = SOIC
2033 Tree 8
SMD1113
S
Base Part Number
Package
S = SOIC
2033 Tree 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14