Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTH574MSA Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 74LVTH574MSA
Description  Low Voltage Octal D-Type Flip-Flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVTH574MSA Fiches technique(HTML) 3 Page - ON Semiconductor

  74LVTH574MSA Datasheet HTML 1Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 2Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 3Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 4Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 5Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 6Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 7Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 8Page - ON Semiconductor 74LVTH574MSA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT574, 74LVTH574 Rev. 1.6.0
2
Connection Diagram
Pin Description
Functional Description
The LVT574 and LVTH574 consist of eight edge-
triggered flip-flops with individual D-type inputs and
3-STATE true outputs. The buffered clock and buffered
Output Enable are common to all flip-flops. The eight
flip-flops will store the state of their individual D-type
inputs that meet the setup and hold time requirements
on the LOW-to-HIGH Clock (CP) transition. With the Out-
put Enable (OE) LOW, the contents of the eight flip-flops
are available at the outputs. When the OE is HIGH, the
outputs go to the high impedance state. Operation of the
OE input does not affect the state of the flip-flops.
Logic Symbols
IEEE/IEC
Truth Table
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
= LOW-to-HIGH Transition
Oo = Previous Oo before HIGH to LOW of CP
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs
Inputs
Outputs
Dn
CP
OE
On
HL
H
LL
L
XL
L
Oo
XX
H
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13