| Moteur de recherche de fiches techniques de composants électroniques |
|
L8401L-R16-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
L8401L-R16-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNI SONI C TECHNOLOGI ES CO., LTD L8401 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 5 Copyright © 2017 Unisonic Technologies Co., Ltd QW-R123-018.C FET BI AS CON T ROLLER DESCRI PT I ON The UTC L8401 is designed to bias the MOSFETs that are commonly used in LNBs that can implies minimum external components requires. FEAT U RES * Can Bias up to 4 FETs * Drain Current Adjustable by Two External Resistors. * Two Sets of Drain Current can be Setted. ORDERING INFORMATION Ordering Number Lead Free Halogen Free Package Packing L8401L-R16-R L8401G-R16-R SSOP-16 Tape Reel L8401G-R16-R (1)Packing Type (2)Package Type (3)Green Package (1) R: Tape Reel (2) R16: SSOP-16 (3) G: Halogen Free and Lead Free, L: Lead Free M ARK I N G |
Numéro de pièce similaire - L8401L-R16-R |
|
Description similaire - L8401L-R16-R |