Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDD160G Fiches technique(PDF) 21 Page - Advanced Micro Devices

No de pièce AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Fiches technique(HTML) 21 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 17Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Am29BDD160G
19
Note: Operation is shown for the 32-bit data bus. For a 16-bit data bus, A-1 is required. Figure shown with 3-CLK initial access
delay configuration, linear address, 4-doubleword burst, output on rising CLK edge, data hold for 1-CLK, IND/WAIT# as-
serted on the last transfer before wrap-around.
Figure 2. End of Burst Indicator (IND/WAIT#) Timing for Linear 8-Word Burst Operation
Table 7. Valid Configuration Register Bit Definition for IND/WAIT#
DOC
WC
CC
Definition
0
0
1
IND/WAIT# = VIL for 1-CLK cycle, Active on last transfer, Driven on rising CLK edge
0
1
1
IND/WAIT# = VIL for 1-CLK cycle, Active on second to last transfer, Driven on rising CLK edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80