Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTS-360G Fiches technique(PDF) 2 Page - Lite-On Technology Corporation

No de pièce LTS-360G
Description  LED Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITEON [Lite-On Technology Corporation]
Site Internet  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-360G Fiches technique(HTML) 2 Page - Lite-On Technology Corporation

  LTS-360G Datasheet HTML 1Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 2Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 3Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 4Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 5Page - Lite-On Technology Corporation LTS-360G Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LITE-ON ELECTRONICS, INC.
Property of Lite-On Only
PART NO.: LTS-360G
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
*0.36 inch (9.14-mm) DIGIT HEIGHT.
*CONTINUOUS UNIFORM SEGMENTS.
*LOW POWER REQUIREMENT.
*EXCELLENT CHARACTERS APPEARANCE.
*HIGH BRIGHTNESS & HIGH CONTRAST.
*WIDE VIEWING ANGLE.
*SOLID STATE RELIABILITY.
*CATEGORIZED FOR LUMINOUS INTENSITY.
DESCRIPTION
The LTS-360G is a 0.36-inch (9.14-mm) digit height single digit
seven-segment display. This device utilizes green LED chips,
which are made from GaP on a transparent GaP substrate, and has
a gray face and white segments.
DEVICE
PART NO.
DESCRIPTION
GREEN
COMMON ANODE
RT. HANDE DECIMAL
LTS-360G



Html Pages

1 2 3 4 5 6