| Moteur de recherche de fiches techniques de composants électroniques |
|
UB2012CL-S08-R Fiches technique(PDF) 10 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2012CL-S08-R Fiches technique(HTML) 10 Page - Unisonic Technologies |
|
10 / 17 page ![]() UB2012 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 10 of 17 www.unisonic.com.tw QW-R121-018 .G APPLICATION INFORMATION(Cont.) VOLTAGE REGULATION PHASE The voltage regulation feedback is through the BAT pin. This input is tied directly to the positive side of the battery pack. The UTC UB2012 monitors the battery-pack voltage between the BAT and VSS pins. According to the voltage regulation, there are four versions of UTC UB2012, namely, 4.1V, 4.2V, 8.2V and 8.4V. Other regulation voltages can be achieved by adding a voltage divider between the positive and negative terminals of the battery pack and using UTC UB2012C or UTC UB2012D. The voltage divider presents scaled battery-pack voltage to BAT input. (See Fig. 7, 8) The resistor values RB1 and RB2 for the voltage divider are calculated by the following equation: 1 - ) V V × (N = R R O(REG) (CELL) B2 B1 (2) Where: N = Number of cells in series, V(CELL) = Desired regulation voltage per cell CHARGE TERMINATION AND RECHARGE The UTC UB2012 monitors the charging current during the voltage-regulation phase. The UTC UB2012 declares a done condition and terminates charge when the current tapers off to the charge termination threshold, I(TERM). A new charge cycle begins when the battery voltage falls below the V(RCH) threshold. |