Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UB240L-AE-S08-R Fiches technique(PDF) 9 Page - Unisonic Technologies

No de pièce UB240L-AE-S08-R
Description  LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB240L-AE-S08-R Fiches technique(HTML) 9 Page - Unisonic Technologies

Back Button UB240L-AE-S08-R Datasheet HTML 3Page - Unisonic Technologies UB240L-AE-S08-R Datasheet HTML 4Page - Unisonic Technologies UB240L-AE-S08-R Datasheet HTML 5Page - Unisonic Technologies UB240L-AE-S08-R Datasheet HTML 6Page - Unisonic Technologies UB240L-AE-S08-R Datasheet HTML 7Page - Unisonic Technologies UB240L-AE-S08-R Datasheet HTML 8Page - Unisonic Technologies UB240L-AE-S08-R Datasheet HTML 9Page - Unisonic Technologies UB240L-AE-S08-R Datasheet HTML 10Page - Unisonic Technologies UB240L-AE-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UB240
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R502-A07.b
TYPICAL APPLICATION CIRCUIT(Cont.)
(4) Connection Example 4 (for 2-cells)
BAT1
BAT2
R2
R1
C1
C2
VC1
VC2
VC3
VC4
VSS
OUT
UTC
UB240
Series
EB+
EB-
FET
DP
SC PROTECTOR
CD
CCD
RVCC
VCC
CVCC
Constants for External Components 4
SYMBOL
MIN
TYP
MAX
UNIT
R1 to R2
0
1 k
10 k
Ω
C1 to C2
0
0.1
1
μF
RVCC
0
100
1 k
Ω
CVCC
0
0.1
1
μF
CCD
0
0.1
1
μF
Notes:
1.
The above constants may be changed without notice.
2.
It has not been confirmed whether the operation is normal or not in circuits other than the above
example of connection. In addition, the example of connection shown above and the constant do not
guarantee proper operation. Perform through evaluation using the actual application to set the
constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11