Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UB240L-AD-S08-R Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce UB240L-AD-S08-R
Description  LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB240L-AD-S08-R Fiches technique(HTML) 5 Page - Unisonic Technologies

  UB240L-AD-S08-R Datasheet HTML 1Page - Unisonic Technologies UB240L-AD-S08-R Datasheet HTML 2Page - Unisonic Technologies UB240L-AD-S08-R Datasheet HTML 3Page - Unisonic Technologies UB240L-AD-S08-R Datasheet HTML 4Page - Unisonic Technologies UB240L-AD-S08-R Datasheet HTML 5Page - Unisonic Technologies UB240L-AD-S08-R Datasheet HTML 6Page - Unisonic Technologies UB240L-AD-S08-R Datasheet HTML 7Page - Unisonic Technologies UB240L-AD-S08-R Datasheet HTML 8Page - Unisonic Technologies UB240L-AD-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UB240
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-A07.b
OPERATING
1. Overcharge Detection
OUT is turned to “H” (for CMOS output active “H”) when the voltage of one of the batteries exceeds the
overcharge detection voltage (VCU) during charging under normal conditions beyond the overcharge detection delay
time (tCU). This state is called “overcharge.” Attaching FET to the OUT pin provides charge control and a second
protection. At that time, the overcharge state is maintained until the voltage of all batteries decreases from the
overcharge detection voltage (VCU) by the equivalent to the overcharge hysteresis voltage (VCD).
2. Delay Circuit
The overcharge detection delay time (tCU) change with an external capacitor (CCD). The delay times are calculated
by the following equations:
Overcharge detection delay time tCU[s] = (15±5 )CCD [μF]
TIMING CHARTS
Battery voltage
V1 Battery
V2 Battery
V3 Battery
V4 Battery
VCD
VCU
OUT pin voltage
CD pin voltage
VSS
VSS
VSS
VCC
VDET
CMOS output active “H” and
Nch open drain models
VCC
tCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11