| Moteur de recherche de fiches techniques de composants électroniques |
|
IM2000S Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IM2000S Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 16 page ![]() 14 Figure 3.10: External Lookup Table IM2000S AD0-AD7 AD0-AD7 To Sine D/A Converter To Cosine D/A Converter Decimal Lookup Table Sine Decimal Lookup Table Cosine In reconstructing the sine and cosine waveforms, the IM2000S addresses locations 0 - 249 to reconstruct the first quarter of the waveform. The 250th location represents the peak or start of the second quarter. Table 3.4 shows the addresses generated by the IM2000S for a resolution of 5 microstep per step selected by MSEL0 - MSEL3. Figure 3.10 shows a block diagram utilizing external lookup tables. Buss/Stand-alone Mode The IM2000S may be used either in stand-alone mode or tied directly to the data buss of a microprocessor/controller. If the Mode input is HIGH, the IM2000S will be in stand- alone mode and MSEL0 - MSEL3 and DIR will be updated on the rising edge of the SCLK input. The EN input is not dependent on the SCLK input. If the Mode input is LOW, the IM2000S will be in Buss Mode and MSEL0 - MSEL3, DIR and EN are latched into the IM2000S on the rising edge of the WR input. Figure 3.11 shows the timing diagram for the WR input. Figure 3.11: WR Input Timing t wh t wr MODE MSEL0 - MSEL3 DIR, EN WR |