Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1871B Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1871B
Description  SAW Filter 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1871B Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1871B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1871B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1871B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1871B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1871B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1871B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1871B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1871B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1871B Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
RoHS Compliant
Lead-free soldering
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1880 MHz
MODEL NO.: TA1871B
REV. No.: 1.0
A. MAXIMUM RATING:
1. Maximum Input Power: 10 dBm
2. DC voltage: +/-5 V
3. Operating Temperature: -40 °C to +85 °C
4. Storage Temperature: -40 °C to +100 °C
5. Moisture Sensitivity Level: Level 1 (MSL 1)
6. ESD: 50 V(MM), 100 V(HBM)
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance: Zs = 50
(Single-ended)
Terminating load impedance:
ZL = 50//10nH
(Single-ended)
Parameters Description
Unit
Min.
Typ.
Max.
Remarks
Center Frequency
Fc
MHz
-
1880
-
-
Insertion Loss (1850~1910 MHz)
IL
dB(*1)
-
1.7
2.0
at 25°C
-
-
2.9
-
Amplitude Ripple (1850~1910 MHz)
dBp-p
-
0.7
1.1
at 25°C
-
-
2.0
-
VSWR (1850~1910 MHz)
-
-
1.8
2.2
-
Attenuation (Reference level from 0 dB)
DC ~ 1570 MHz
dB
20
32
-
-
1570 ~ 1580 MHz
dB
20
34
-
-
1930 ~ 1990 MHz
dB
15
20
-
-
1990 ~ 2400 MHz
dB
20
26
-
-
2400 ~ 3000 MHz
dB
20
31
-
-
3000 ~ 4000 MHz
dB
15
30
-
-
4000 ~ 5550 MHz
dB
10
24
-
-
5550 ~ 5730 MHz
dB
10
24
-
-
5730 ~ 6000 MHz
dB
10
23
-
-
(*1) Specification of insertion loss includes loss that comes from the test board. (Value: 0.15dB)
Electrostatic Sensitive Device (ESD)



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com