| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS952801 Fiches technique(PDF) 14 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952801 Fiches technique(HTML) 14 Page - Integrated Circuit Systems |
|
14 / 22 page ![]() 14 Integrated Circuit Systems, Inc. ICS952801 Advance Information 0719—01/22/03 I 2C Table: Group Skew Control Register Control Function Bit 7 Reserved Reserved RW - - X Bit 6 Reserved Reserved RW - - X Bit 5 Reserved Reserved RW - - X Bit 4 Reserved Reserved RW - - X Bit 3 Reserved Reserved RW - - X Bit 2 Reserved Reserved RW - - X Bit 1 Reserved Reserved RW - - X Bit 0 Reserved Reserved RW - - X I 2C Table: Group Skew Control Register Control Function Bit 7 ZCLKSkw1 RW 0 Bit 6 ZCLKSkw0 RW 0 Bit 5 Reserved Reserved RW - - 0 Bit 4 Reserved Reserved RW - - 0 Bit 3 AGPSkw1 RW 0 Bit 2 AGPSkw0 RW 0 Bit 1 Reserved Reserved RW - - 0 Bit 0 Reserved Reserved RW - - 0 I 2C Table: Group Skew Control Register Control Function Bit 7 PCI_FSkw1 RW 0 Bit 6 PCI_FSkw0 RW 0 Bit 5 Reserved Reserved RW - - 0 Bit 4 Reserved Reserved RW - - 0 Bit 3 PCISkw1 RW 0 Bit 2 PCISkw0 RW 0 Bit 1 Reserved Reserved RW - - 0 Bit 0 Reserved Reserved RW - - 0 Pin # PWD - - - Name Type 0 1 - Byte 18 01 - - - - - Byte 19 Pin # Name PWD - - - Type See Table 6: 4-Steps Skew Programming Table - - - - PWD - Byte 20 Pin # Name Type - - 01 - - - - - See Table 6: 4-Steps Skew Programming Table See Table 6: 4-Steps Skew Programming Table See Table 6: 4-Steps Skew Programming Table CPU-ZCLK Skew Control CPU-AGP Skew Control CPU-PCI_F Skew Control CPU-PCI Skew Control Table 6: 4-Steps Skew Programming Table 4 Step 0 1 LSB 0 0ps 250ps - 1 500ps 750ps - MSB -- - |