| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC2000 Fiches technique(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC2000 Fiches technique(HTML) 22 Page - Analog Devices |
|
22 / 54 page ![]() LTC2000 22 2000fb For more information www.linear.com/LTC2000 OPERATION 16-BIT DAC N+1 N 50Ω IOUTP IOUTN 50Ω 2000 F04c CLOCK SYNC DBP/N[15:0] DCKIP/N CKP/N DBP/N[15:0] DCKIP/N CKP/N IOUTP/N N N+1 0.5 1.5 7.5 CYCLE LATENCY 2.5 3.5 4.5 5.5 6.5 7.5 N 2000 F04b N+2 N+3 N+4 N+5 N+6 N+6 N+7 Figure 4c. Simplified Block Diagram – Single-Port Operation Figure 4d. Sample Waveforms – Single-Port Operation |