Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OVLGC0C6B9. Fiches technique(PDF) 5 Page - TT Electronics.

No de pièce OVLGC0C6B9.
Description  High-Intensity LED in Plastic T-1쩐 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLGC0C6B9. Fiches technique(HTML) 5 Page - TT Electronics.

  OVLGC0C6B9. Datasheet HTML 1Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 2Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 3Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 4Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 5Page - TT Electronics. OVLGC0C6B9. Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
High-Intensity LED in Plastic
T-1¾ Package
OVLGx0CyB9 Series
© TT electronics plc
Issue D 08/2017
Page 5
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Beam Angle:
Packaging: 500 pcs per anti-static bag with desiccant
Desiccant
Barcode Label



Html Pages

1 2 3 4 5 6