| Moteur de recherche de fiches techniques de composants électroniques |
|
XC161CS-32F Fiches technique(PDF) 82 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC161CS-32F Fiches technique(HTML) 82 Page - Infineon Technologies AG |
|
82 / 84 page ![]() XC161-32 Derivatives Electrical Parameters Data Sheet 80 V1.0, 2004-11 Figure 24 External Bus Arbitration, Regaining the Bus Notes 1. This is the last chance for BREQ to trigger the indicated regain-sequence. Even if BREQ is activated earlier, the regain-sequence is initiated by HOLD going high. Please note that HOLD may also be deactivated without the XC161 requesting the bus. 2. The control outputs will be resistive high (pull-up) before being driven inactive (ALE will be low). 3. The next XC161 driven bus cycle may start here. MCT05561 tc 10/tc14 Addr, Data, BHE CSx, RD, WR(L/H) BREQ tc 40 HOLD HLDA CLKOUT tc 41 3) 1) tc 41 tc 11/tc12/tc13/tc15/tc16 2) |