| Moteur de recherche de fiches techniques de composants électroniques |
|
IXTY15P15T Fiches technique(PDF) 6 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTY15P15T Fiches technique(HTML) 6 Page - IXYS Corporation |
|
6 / 6 page ![]() IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. IXTY15P15T IXTA15P15T IXTP15P15T IXYS REF: T_15P15T(A2-P16) 10-18-10 TO-220 Outline 1 - Gate 2,4 - Drain 3 - Source E1 E A D1 D Q L1 oP H1 A1 L A2 D2 e c e1 e1 3X b2 e 3X b EJECTOR PIN TO-252 AA Outline 1 - Gate 2,4 - Drain 3 - Source L1 b2 e1 L4 E A c2 H A1 A2 L2 L A e c 0 e1 e1 e1 e1 e1 OPTIONAL 5.55MIN 1.25MIN 6.50MIN 2.28 6.40 BOTTOM VIEW 2.85MIN LAND PATTERN RECOMMENDATION 4 1 2 3 4 L3 b3 TO-263 Outline 1 - Gate 2,4 - Drain 3 - Source C2 A H 1 b D E D1 E1 b2 L2 L1 2 3 4 L3 A2 A1 e c e 0 0.43 [11.0] 0.66 [16.6] 0.06 [1.6] 0.10 [2.5] 0.20 [5.0] 0.34 [8.7] 0.12 [3.0] Fig. 19. Maximum Transient Thermal Impedance 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 Pulse Width - Seconds |