| Moteur de recherche de fiches techniques de composants électroniques |
|
1404792 Fiches technique(PDF) 3 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
1404792 Fiches technique(HTML) 3 Page - PHOENIX CONTACT |
|
3 / 6 page ![]() https://www.phoenixcontact.com/us/produkte/1404792 18.01.2013 Page 3 / 6 Sensor/Actuator cable - SAC-4P- 5,0-PVC/AD B-L - 1404792 Classifications eCl@ss eCl@ss 4.0 27060306 eCl@ss 4.1 27060306 eCl@ss 5.0 27061801 eCl@ss 5.1 27061801 eCl@ss 6.0 27061801 eCl@ss 7.0 27061801 Accessories Accessories Assembly Screw - SAC-V-SCREW-M3-29 KNURL - 1403779 Fillister head screw with plastic knurl, M3 x 40 Marking Insert label - PABA WH/15 - 1013151 Insert label, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Thread on, Cable diameter: 0.6-50 mm, Lettering field: 15 x 4 mm Insert label - PABA YE/15 - 1013698 Insert label, yellow, Unlabeled, Can be labeled with: Plotter, Mounting type: Thread on, Cable diameter: 0.6-50 mm, Lettering field: 15 x 4 mm Insert label - PABA RD/15 - 1013944 Insert label, red, Unlabeled, Can be labeled with: Plotter, Mounting type: Thread on, Cable diameter: 0.6-50 mm, Lettering field: 15 x 4 mm |