| Moteur de recherche de fiches techniques de composants électroniques |
|
RSC4128 Fiches technique(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RSC4128 Fiches technique(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 49 page ![]() RSC-4128 Data Sheet 36 P/N 80-0206-J © 2004 Sensory Inc. Special Functions Registers (SFRs) Summary Address R/W Name Reset Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 FF R/W flags ***** 0000 0000 carry zero sign trap stkoflo stkfull --- gie FE R/W irq * 0000 0000 MTtimer p0.2 block timer3 p0.0 endmark timer2 timer1 FD R/W imr **** 0000 0000 MTtimer p0.2 block timer3 p0.0 endmark timer2 timer1 FC R/W bank 1110 0000 ws2 ws1 ws0 (bank4) bank3 bank2 bank1 bank0 FB W RESERVED R sysStat 0000 0000 0 brownout wd_timed wd_on 0 0 fastClk 0 FA R/W dac 0000 0000 dh7 dh6 dh5 dh4 dh3 dh2 dh1 dh0 F9 R/W RESERVED F8 R/W RESERVED F7 R/W stkData 0000 0000 stdk7 stkd6 stkd5 stkd4 stkd3 stkd2 stkd1 stkd0 F6 R/W stkNdx 0000 0000 0 0 stkind5 stkind4 stkind3 stkind2 stkind1 stkind0 F5 W RESERVED R adcSampleHi 0000 0000 adc15 adc14 adc13 adc12 adc11 adc10 adc09 adc08 F4 W RESERVED R adcSampleLo 0000 0000 adc07 adc06 adc05 adc04 adc03 adc02 adc01 adc00 F3 R/W RESERVED F2 R/W RESERVED F1 W RESERVED R RESERVED F0 R/W RESERVED EF W anCtl *** 0000 0000 -anctlen 0 lsb1 lsb0 d2a_half rc_osc2 0 afe_on R 0000 0000 -anctlen 0 lsb1 lsb0 d2a_half rc_osc2 0 afe_on EE W t2v ** 0000 0000 x x x x x x x x R 0000 0000 t2v7 t2v6 t2v5 t2v4 t2v3 t2v2 t2v1 t2v0 ED R/W t2r 0000 0000 t2r7 t2r6 t2r5 t2r4 t2r3 y2r2 t2r1 t2r0 EC W t1v ** 0000 0000 x x x x x x x x R 0000 0000 t1v7 t1v6 t1v5 t1v4 t1v3 t1v2 t1v1 t1v0 EB R/W t1r 0000 0000 t1r7 t1r6 t1r5 t1r4 t1r3 t1r2 t1r1 t1r0 EA R/W wake1 0000 0000 w1.7 w1.6 w1.5 w1.4 w1.3 w1.2 w1.1 w1.0 E9 R/W wake0 0000 0000 w0.7 w0.6 w0.5 w0.4 w0.3 w0.2 w0.1 w0.0 E8 R/W ckCtl **** 0000 1000 pdn t2wake fclk_on clk_div1 clk_div0 slow_pclk osc2_on osc1_off E7 R/W p0CtlB 0000 0000 ctlb0.7 ctlb0.6 ctlb0.5 ctlb0.4 ctlb0.3 ctlb0.2 ctlb0.1 ctlb0.0 E6 R/W p0CtlA 0000 0000 ctla0.7 ctla0.6 ctla0.5 ctla0.4 ctla0.3 ctla0.2 ctla0.1 ctla0.0 E5 R p0In xxxx xxxx pin0.7 pin0.6 pin0.5 pin0.4 pin0.3 pin0.2 pin0.1 pin0.0 E4 R/W p0Out 0000 0000 pout0.7 pout0.6 pout0.5 pout0.4 pout0.3 pout0.2 pout0.1 pout0.0 E3 R/W p1CtlB 0000 0000 ctlb1.7 ctlb1.6 ctlb1.5 ctlb1.4 ctlb1.3 ctlb1.2 ctlb1.1 ctlb1.0 E2 R/W p1CtlA 0000 0000 ctla1.7 ctla1.6 ctla1.5 ctla1.4 ctla1.3 ctla1.2 ctla1.1 ctla1.0 E1 R p1In xxxx xxxx pin1.7 pin1.6 pin1.5 pin1.4 pin1.3 pin1.2 pin1.1 pin1.0 E0 R/W p1Out 0000 0000 pout1.7 pout1.6 pout1.5 pout1.4 pout1.3 pout1.2 pout1.1 pout1.0 DF R/W p2CtlB 0000 0000 ctlb2.7 ctlb2.6 ctlb2.5 ctlb2.4 ctlb2.3 ctlb2.2 ctlb2.1 ctlb2.0 DE R/W p2CtlA 0000 0000 ctla2.7 ctla2.6 ctla2.5 ctla2.4 ctla2.3 ctla2.2 ctla2.1 ctla2.0 DD R p2In xxxx xxxx pin2.7 pin2.6 pin2.5 pin2.4 pin2.3 pin2.2 pin2.1 pin2.0 DC R/W p2Out 0000 0000 pout2.7 pout2.6 pout2.5 pout2.4 pout2.3 pout2.2 pout2.1 pout2.0 DB W t3v ** 0000 0000 x x x x x x x x R 0000 0000 t3v7 t3v6 t3v5 t3v4 t3v3 t3v2 t3v1 t3v0 DA R/W t3r 0000 0000 t3r7 t3r6 t3r5 t3r4 t3r3 t3r2 t3r1 t3r0 D9 W t3Ctl 0000 0000 t3_on polarity p0.1_src t3_gated t3_ps3 t3_ps2 t3_ps1 t3_ps0 D8 R/W pwmData 0000 0000 pwmd09 pwmd08 pwmd07 pwmd06 pwmd05 pwmd04 pwmd03 pwmd02 D7 R/W pwmCtl 0000 0000 pwmd01 pwmd00 tenBits 0 period1 period0 0 pwm_on D6 R/W clkExt **** 0000 0000 rom_0Ws MTclk_on movx_4ws L1clk_on t1_ps3 t1_ps2 t1_ps1 t1_ps0 D5 R/W sysCtl 0000 0000 wd_ps1 wd_ps0 brnout_on afe_g1 afe_g0 0 p02Edge p00Edge D4 W cmpCtl 1100 0000 1 1 0 0 mux_sel ccs2 ccs1 ccs0 R 1100 0000 compA+ compB+ 0 0 mux_sel ccs2 ccs1 ccs0 D3 R/W cmpRef 0000 0000 0 0 0 0 crv03 crv02 crv01 crv00 D2 R/W extAdd 0000 0000 0 0 cb1 rw eda19 eda18 eda17 eda16 D1 R/W RESERVED D0 R/W RESERVED CF R/W flagsHold ***** 0000 0000 carry zero sign trap 0 0 0 gie CE W awcCtl 0000 0000 pwrl 0 thrh2 thrh1 thrh0 thrl2 thrl1 thrl0 |