| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6526 Fiches technique(PDF) 72 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 Fiches technique(HTML) 72 Page - Texas Instruments |
|
72 / 299 page ![]() 72 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-25. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] ACD [4] GPIO1_21 General Purpose Input/Output IO AG12 GPIO1_22 General Purpose Input/Output IO AH12 GPIO1_23 General Purpose Input/Output IO AE12 GPIO1_24 General Purpose Input/Output IO AF12 GPIO1_25 General Purpose Input/Output IO AF11 GPIO1_26 General Purpose Input/Output IO AE11 GPIO1_27 General Purpose Input/Output IO AG11 GPIO1_28 General Purpose Input/Output IO AD11 GPIO1_29 General Purpose Input/Output IO V24 GPIO1_30 General Purpose Input/Output IO W25 GPIO1_31 General Purpose Input/Output IO W24 GPIO1_32 General Purpose Input/Output IO AA27 GPIO1_33 General Purpose Input/Output IO Y24 GPIO1_34 General Purpose Input/Output IO V28 GPIO1_35 General Purpose Input/Output IO Y25 GPIO1_36 General Purpose Input/Output IO U27 GPIO1_37 General Purpose Input/Output IO V27 GPIO1_38 General Purpose Input/Output IO V26 GPIO1_39 General Purpose Input/Output IO U25 GPIO1_40 General Purpose Input/Output IO AB25 GPIO1_41 General Purpose Input/Output IO AD27 GPIO1_42 General Purpose Input/Output IO AC26 GPIO1_43 General Purpose Input/Output IO AD26 GPIO1_44 General Purpose Input/Output IO AA24 GPIO1_45 General Purpose Input/Output IO AD28 GPIO1_46 General Purpose Input/Output IO U26 GPIO1_47 General Purpose Input/Output IO V25 GPIO1_48 General Purpose Input/Output IO U24 GPIO1_49 General Purpose Input/Output IO AB28 GPIO1_50 General Purpose Input/Output IO AC28 GPIO1_51 General Purpose Input/Output IO AC27 GPIO1_52 General Purpose Input/Output IO AB26 GPIO1_53 General Purpose Input/Output IO AA25 GPIO1_54 General Purpose Input/Output IO U23 GPIO1_55 General Purpose Input/Output IO AB27 GPIO1_56 General Purpose Input/Output IO W28 GPIO1_57 General Purpose Input/Output IO W27 GPIO1_58 General Purpose Input/Output IO Y28 GPIO1_59 General Purpose Input/Output IO AA28 GPIO1_60 General Purpose Input/Output IO AB24 GPIO1_61 General Purpose Input/Output IO AC25 GPIO1_62 General Purpose Input/Output IO AD25 GPIO1_63 General Purpose Input/Output IO AD24 GPIO1_64 General Purpose Input/Output IO AE27 GPIO1_65 General Purpose Input/Output IO AC24 GPIO1_66 General Purpose Input/Output IO Y27 GPIO1_67 General Purpose Input/Output IO Y26 |