| Moteur de recherche de fiches techniques de composants électroniques |
|
AM652X Fiches technique(PDF) 77 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Fiches technique(HTML) 77 Page - Texas Instruments |
|
77 / 299 page ![]() 77 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-27. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPMC0_WAIT0 GPMC External Indication of Wait I R26 GPMC0_WAIT1 GPMC External Indication of Wait I R23 4.3.12 HYPERBUS 4.3.12.1 MCU Domain Table 4-28. HYPERBUS0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_HYPERBUS0_CK Hyperbus Differential Clock (positive) O V1 MCU_HYPERBUS0_CKn Hyperbus Differential Clock (negative) O U1 MCU_HYPERBUS0_INTn Hyperbus Interrupt (active low) I P2 MCU_HYPERBUS0_RESETn Hyperbus Reset (active low) Output O R5 MCU_HYPERBUS0_RESETOn Hyperbus Reset Status Indicator (active low) from Hyperbus Memory I R1 MCU_HYPERBUS0_RWDS Hyperbus Read-Write Data Strobe IO U2 MCU_HYPERBUS0_WPn Hyperbus Write Protect (Not in use) O N3 MCU_HYPERBUS0_CSn0 Hyperbus Chip Select 0 O R4 MCU_HYPERBUS0_CSn1 Hyperbus Chip Select 1 O N3 MCU_HYPERBUS0_DQ0 Hyperbus Data 0 IO U4 MCU_HYPERBUS0_DQ1 Hyperbus Data 1 IO U5 MCU_HYPERBUS0_DQ2 Hyperbus Data 2 IO T2 MCU_HYPERBUS0_DQ3 Hyperbus Data 3 IO T3 MCU_HYPERBUS0_DQ4 Hyperbus Data 4 IO T4 MCU_HYPERBUS0_DQ5 Hyperbus Data 5 IO T5 MCU_HYPERBUS0_DQ6 Hyperbus Data 6 IO R2 MCU_HYPERBUS0_DQ7 Hyperbus Data 7 IO R3 4.3.13 I2C 4.3.13.1 MAIN Domain Table 4-29. I2C0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] I2C0_SCL I2C Clock IOD D20 I2C0_SDA I2C Data IOD C21 Table 4-30. I2C1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] I2C1_SCL I2C Clock IOD B21 I2C1_SDA I2C Data IOD E21 |