| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6548 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6548 Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 299 page ![]() C E G J L N R U W AA AC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 D F H K M P T V Y AB AD A B AE 26 27 28 AG AF AH 10 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated 4 Terminal Configuration and Functions 4.1 Pin Diagram NOTE The terms "ball", "pin", and "terminal" are used interchangeably throughout the document. An attempt is made to use "ball" only when referring to the physical package. Figure 4-1 shows the ball locations for the 784 plastic ball grid array (S-PBGA) package that are used in conjunction with Table 4-1 through to locate signal names and ball grid numbers. Figure 4-1. ACD S-PBGA-N784 Package (Bottom View) 4.2 Pin Attributes Table 4-1 describes the terminal characteristics and the signals multiplexed on each ball. |